Part Number Hot Search : 
XMEGA32A U1000 K1536CD 2SA666 38D30 LM5050 K1536CD 2SA666A
Product Description
Full Text Search
 

To Download M54HC123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC123
RAD-HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
s s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 23 ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: STAND BY STATE: ICC=4A (MAX.) at TA=25C ACTIVE STATE: ICC=200A (MAX.) at VCC = 5V HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V WIDE OUTPUT PULSE WIDTH RANGE: tWOUT = 120 ns ~ 60 s OVER AT VCC = 4.5 V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 123 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9207-006
DILC-16
FPC-16
ORDER CODES
PACKAGE DILC FPC FM M54HC123D M54HC123K EM M54HC123D1 M54HC123K1
DESCRIPTION The M54HC123 is an high speed CMOS MONOSTABLE MULTIVIBRATOR fabricated with silicon gate C2MOS technology. There are two trigger inputs, A INPUT (negative edge) and B INPUT (positive edge). These inputs PIN CONNECTION
are valid for slow rising/falling signals, (tr=tf=l sec). The device may also be triggered by using the CLR input (positive-edge) because of the Schmitt-trigger input; after triggering the output maintains the MONOSTABLE state for the time period determined by the external resistor RX and capacitor CX. When CX > 10nF and RX > 10K, the output pulse width value is approximately given by the formula: tW(OUT) = K * Cx * Rx. (K 0.45). Taking CLR low breaks this MONOSTABLE STATE. If the next trigger pulse occurs during the MONOSTABLE period it makes the MONOSTABLE period longer. Limit for values of Cx and Rx : Cx : NO LIMIT Rx : VCC < 3.0V 5K to 1M VCC > 3.0V 1K to 1M All inputs are equipped with protection circuits against static discharge and transient excess voltage.
March 2004
1/11
M54HC123
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1,9 2, 10 3, 11 4, 12 7 13, 5 14, 6 15 8 16 SYMBOL 1A, 2A 1B, 2B 1 CLR 2 CLR 1Q, 2Q 2RX/CX 1Q, 2Q 1CX 2CX 1RX/CX GND VCC NAME AND FUNCTION Trigger Inputs (Negative Edge Triggered) Trigger Inputs (Positive Edge Triggered) Direct Reset LOW and trigger Action at Positive Edge Outputs (Active Low) External Resistor Capacitor Connection Outputs (Active High) External Capacitor Connection External Resistor Capacitor Connection Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS A B H X H L L X
X : Don't Care
OUTPUTS NOTE CLR H H H H L L H H Q Q OUTPUT ENABLE INHIBIT INHIBIT OUTPUT ENABLE OUTPUT ENABLE L L H INHIBIT
L X
H X
2/11
M54HC123
SYSTEM DIAGRAM
This logic diagram has not be used to estimate propagation delays
TIMING CHART
3/11
M54HC123
BLOCK DIAGRAM
(1) Cx, Rx, Dx are external components. (2) Dx is a clamping diode. The external capacitor is charged to Vcc in the stand-by-state, i.e. no trigger. When the supply voltage is turned off Cx is discharged mainly trough an internal parasitic diode (see figures). If Cx is sufficiently large and Vcc decreases rapidly, there will be some possibility of damaging the I.C. with a surge current or latch-up. If the voltage supply filter capacitor is large enough and Vcc decrease slowly, the surge current is automatically limited and damage to the I.C. is avoided. The maximum forward current of the parasitic diode is approximately 20 mA. In cases where Cx is large the time taken for the supply voltage to fall to 0.4 Vcc can be calculated as follows: tf > (Vcc - 0.7) x Cx/20mA In cases where tf is too short an external clamping diode is required to protect the I.C. from the surge current.
FUNCTIONAL DESCRIPTION STAND-BY STATE The external capacitor, Cx, is fully charged to VCC in the stand-by state. Hence, before triggering, transistor Qp and Qn (connected to the Rx/Cx node) are both turned-off. The two comparators that control the timing and the two reference voltage sources stop operating. The total supply current is therefore only leakage current. TRIGGER OPERATION Triggering occurs when: 1 st) A is "LOW" and B has a falling edge; 2 nd) B is "HIGH" and A has a rising edge; 3 rd) A is "LOW" and B is HIGH and C1 has a rising edge; After the multivibrator has been retriggered comparator C1 and C2 start operating and Qn is turned on. Cx then discharges through Qn. The voltage at the node R/C external falls. When it reaches VREFL the output of comparator C1 becomes low. This in turn reset the flip-flop and Qn is turned off. At this point C1 stops functioning but C2 continues to operate. The voltage at R/C external begins to rise with a time constant set by the external components Rx, Cx. Triggering the multivibrator causes Q to go high after internal delay due to the flip-flop and the gate. Q remains high until the voltage at R/C external rises again to VREFH. At this point C2
output goes low and O goes low. C2 stop operating. That means that after triggering when the voltage R/C external returns to VREFH the multivibrator has returned to its MONOSTABLE STATE. In the case where Rx * Cx are large enough and the discharge time of the capacitor and the delay time in the I.C. can be ignored, the width of the output pulse tw(out) is as follows: tW(OUT) = 0.45 Cx * Rx RE - TRIGGERED OPERATION When a second trigger pulse follows the first its effect will depend on the state of the multivibrator. If the capacitor Cx is being charged the voltage level of R/C external falls to VREFL again and Q remains High i.e. the retrigger pulse arrives in a time shorter than the period Rx * Cx seconds, the capacitor charging time constant. If the second trigger pulse is very close to the initial trigger pulse it is ineffective; i.e. the second trigger must arrive in the capacitor discharge cycle to be ineffective; Hence the minimum time for a second trigger to be effective depends on VCC and Cx RESET OPERATION CL is normally high. If CL is low, the trigger is not effective because Q output goes low and trigger control flip-flop is reset. Also transistor Op is turned on and Cx is charged quickly to VCC. This means if CL input goes low the IC becomes waiting state both in operating and non operating state.
4/11
M54HC123
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Cx Rx External Capacitor External Resistor Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V VCC < 3V VCC > 3V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 NO LIMITATION 5K to 1M 1K to 1M Unit V V V C ns ns ns pF
The Maximum allowable values of Cx and Rx are a function of leakage of capacitor Cx, the leakage of device and leakage due to the board layout and surface resistance. Susceptibility to externally induced noise may occur for Rx > 1M
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage
VIL
V
5/11
M54HC123
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC ICC' Input Leakage Current Quiescent Supply Current Active State Supply Current (1) 6.0 6.0 2.0 4.5 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND VI = VCC or GND Pin 7 or 15 VIN = VCC/2 45 500 0.7 TA = 25C Min. 1.9 4.4 5.9 4.18 5.68 Typ. 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 200 600 1 Max.
Value -40 to 85C Min. 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 260 780 1.3 Max. -55 to 125C Min. 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 320 960 1.6 A A A A mA V V Max. Unit
VOH
High Level Output Voltage
(1) : Per Circuit
6/11
M54HC123
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 102 29 22 102 31 23 68 20 16 1.4 1.2 1.1 4.6 4.4 4.3 1 Max. 75 15 13 210 42 36 235 47 40 160 32 27 Value -40 to 85C Min. Max. 95 19 16 265 53 45 295 59 50 200 40 34 -55 to 125C Min. Max. 110 22 19 315 63 54 355 71 60 240 48 41 ns Unit
tTLH tTHL Output Transition Time
tPLH tPHL Propagation Delay Time (A, B - Q, Q) tPLH tPHL Propagation Delay Time (CLR TRIGGER - Q, Q) tPLH tPHL Propagation Delay Time (CLR - Q, Q) tWOUT Output Pulse Width
ns
ns
ns
Cx = 100 pF Rx = 10K Cx = 0.1F Rx = 100K
s
ms
tWOUT
tW(H) tW(L) tW(L)
Output Pulse Width Error Between Circuits in Same Package Minimum Pulse Width
% 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 75 15 13 75 15 13 Cx = 100 pF Rx = 10K Cx = 0.1F Rx = 100K 325 108 78 5 1.4 1.2 95 19 16 95 19 16 110 22 19 110 22 19
ns
Minimum Pulse Width (CLR) Minimum Retrigger Time
ns
trr
ns
s
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 162 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC' Duty/100 + Ic/2(per monostable) (Icc': Active Supply current) (Duty:%)
7/11
M54HC123
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM: SWITCHING CHARACTERISTICS TEST WAVEFORM (f=1MHz; 50% duty cycle)
8/11
M54HC123
DILC-16 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch
0056437F
9/11
M54HC123
FPC-16 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch
F
G
D
H
16
9
A
N
L
1
8
H
E
M
C
B
0016030E
10/11
M54HC123
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M54HC123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X